PART |
Description |
Maker |
PB-IRFU9120N |
Leaded -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier
|
IRF5NJ9540 IRF5NJB9540 |
-100V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package SURFACE MOUNT (SMD-0.5) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
IRF5Y9540CM |
-100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
PT110 PT006 PT210 PT225 PT125 PT215 PT610 PT106-66 |
30V Single N-Channel HEXFET Power MOSFET in a D2Pak package; A IRL8113S with Standard Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7205 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3305 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4321PBF with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF1405ZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7473 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF540ZS with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9Z24N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU8203 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ34NS with Standard Packaging TRIAC|600V V(DRM)|6A I(T)RMS|TO-66 TRIAC|50V V(DRM)|25A I(T)RMS|TO-208VAR1/2 TRIAC|100V V(DRM)|2.5A I(T)RMS|TO-5 TRIAC|200V V(DRM)|15A I(T)RMS|TO-208VAR1/2 such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; Similar to IRF6644 qualified for use such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6644 with Standard Tape and Reel 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4610 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR7811W with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL520NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR120N with Lead Free Packaging TRIAC|50V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|100V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|600V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|50V V(DRM)|3A I(T)RMS|TO-208VAR1/2 TRIAC|50V V(DRM)|3A I(T)RMS|PRESS-13 TRIAC|100V V(DRM)|3A I(T)RMS|TO-208VAR1/2 AC Relay; Output Device:MOSFET; Output Voltage Max:60VAC; Load Current Max:1A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Switch Function:SPST-NO RoHS Compliant: Yes 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7490 with Lead Free Packaging 可控硅| 200伏五(DRM)的| 6A条口(T)的有效值|VAR Microelectronic Power IC HEXFET® Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V AC, 1.0A 可控硅| 400V五(DRM)的| 6A条口(T)的有效值|208VAR1 / 2 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4710 with Standard Packaging 100V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package
|
Microsemi, Corp. LG, Corp.
|
IRFG110 JANTX2N7334 JANTX2N7334N JANTXV2N7334 JANT |
TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 100V V(BR)DSS | 1A I(D) | DIP POWER MOSFET THRU-HOLE (MO-036AB) 100V Quad N-Channel MOSFET in a MO-036AB package 100V Single N-Channel Hi-Rel MOSFET in a MO-036AB package
|
International Rectifier
|
IRF140 |
Repetitive Avalanche Ratings TRANSISTORS N-CHANNEL(Vdss=100V/ Rds(on)=0.077ohm/ Id=28A) TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A) 100V Single N-Channel Hi-Rel MOSFET in a TO-204AE package
|
International Rectifier
|
IRHM8150 IRHM7150 IRHM4150 JANSF2N7268 JANSG2N7268 |
100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package RADIATION HARDENED POWER MOSFET THRU-HOLE 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package 100V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package 100V 600kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
IRHY7130CM IRHY4130CM IRHY8130CM IRHY3130CM JANSF2 |
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA) 100V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-257AA package 100V 600kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-257AA package 100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-257AA package 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-257AA package
|
IRF[International Rectifier]
|
IRF3710Z IRF3710ZS IRF3710ZL IRF3710ZXX |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package AUTOMOTIVE MOSFET
|
International Rectifier
|
IRFS59N10D IRFSL59N10D IRFB59N10D IRFB59N10 IRFS59 |
Power MOSFET(Vdss=100V/ Rds(on)max=0.025ohm/ Id=59A) Power MOSFET(Vdss=100V, Rds(on)max=0.025ohm, Id=59A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|
OM6009SA OM6010SA OM6011SA OM6012SA OM6109SA OM611 |
500V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFETS IN HERMETIC ISOLATED 100V Single N-Channel Hi-Rel MOSFET in a D3 package 100V的单个N -沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC ITT, Corp.
|